Part Number Hot Search : 
BR808G NTE4000 2SK12 BY8416 120T3 120T3 N5394A 2SD26621
Product Description
Full Text Search
 

To Download RTM-0505S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
           



   

!
 /  input voltage range 10% max. output voltage accuracy -1% typ., 5% max. line voltage regulation (low line to high line at max. load) 1.2% typ. load voltage regulation (10% to 100% full load) 10% typ., 15% max. output ripple and noise (20mhz bw limited) 50mvp-p typ., 100mvp-p max. operating frequency (vin=nominal input) 20khz min. / 40khz typ. / 80khz max. efficiency at full load see selection guide minimum load = 0% specifications valid for 10% minimum load only isolation voltage rtm-xx05s (tested for 1 second) 2000 vdc rtm-xx05s/h (tested for 1 second) 3000 vdc isolation capacitance 30pf typ., 50pf max. isolation resistance (viso=500v) 15g min. short-circuit protection 1 second operating temperature range with derating -40c to +90c storage temperature -55c to +125c reflow temperature rohs compliant 245c (30 sec.), peak 255c (5sec.) max. vapour phase process (for more details see application notes) 230c (90 sec.) max. relative humidity 95% rh package weight 1.4g packing quantity all types 27 pcs per tube all types 500 pcs per reel mtbf (+25c) using mil-hdbk 217f 3907 x 103 hours mtbf (+85c) using mil-hdbk 217f 313 x 103 hours certifications en medical safety report: mdd1112018 + rm1112018 iec/en 60601-1 3rd edition medical report + iso14971 risk assessment en general safety en60950-1, 2nd edition note 1: maximum capacitive load is defined as the capacitive load tha will allow start up in under 1 second without damage to the converter. } detailed information see application notes chapter "mtbf" derating-graph (ambient temperature) selection guide part isolation input output output capacitive number voltage voltage voltage current efficiency load smd (kv) (vdc) (vdc) (ma) (max.) (max.) RTM-0505S* 2 5 5 400 79% 2200f rtm-1205s* 2 12 5 400 83% 2200f rtm-2405s* 2 24 5 400 84% 2200f * add suffix ?/h? for 3kvdc/1sec. isolation e.g. RTM-0505S/h * add suffix ?-r? for tape&reel packing e.g. rtm-1205s-r or rtm-2405s/h-r specifications ( measured at t a = 25c, nominal input voltage and rated output current unless otherwise specified 2 watt smd single output 1:1 input range efficiency up to 84% 2kvdc and 3kvdc isolation option approved for medical applications -40c to +90c operating temperature range 2w smd package features unregulated converters en-60601-1 certified en-60950-1 certified rtm econoline dc/dc-converter refer to application notes www.recom-international.com e-81 rev:1/2012 rohs 2011/65/eu 6/6
   8 .9%:,# @)# # # @)# #
$%&'     #
$ )*      *+
           4 +
+5       4 +
+5%&'       *+
     1 1 ,)( 1 2    ,*
&'
  2 5+*&'&
rtm series econoline dc/dc-converter rtm-xx05s typical characteristics rtm tolerance envelope package style and pinning " '*
 3
+ pin connections pin # function 1 +vin 2 -vin 12 -vout 13 +vout 14~17 nc 27,28 nc nc = no connection unit: mm tolerance: 0.25 mm emc filtering - suggestion for en55022 class b input inductance/ voltage capacitance (c1) 5v 4.7f 12v 2.2f 24v 47f  
   3"& 4"($5            +#0 0      rev: 1/2012 www.recom-electronic.com e-82


▲Up To Search▲   

 
Price & Availability of RTM-0505S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X